Part Number Hot Search : 
K2376 00GA1 LTC4055 DIM200 IFR350 BA50DD0T SN74AUC AM85C30
Product Description
Full Text Search
 

To Download SDR0603-820KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
Available in E12 series Small design of only 5.8 mm maximum
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
*R
oH
S
CO
M
NT
diameter Low 3.9 mm profile RoHS compliant*
SDR0603 Series - SMD Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) RDC () I rms Max. (A) I sat Typ. (A)
SDR0603-1R5ML SDR0603-2R5ML SDR0603-3R3ML SDR0603-3R9ML SDR0603-4R7ML SDR0603-5R0ML SDR0603-6R8ML SDR0603-7R5ML SDR0603-100ML SDR0603-120ML SDR0603-150ML SDR0603-180ML SDR0603-220ML SDR0603-270ML SDR0603-330KL SDR0603-390KL SDR0603-470KL SDR0603-560KL SDR0603-680KL SDR0603-820KL SDR0603-101KL SDR0603-121KL SDR0603-151KL SDR0603-181KL SDR0603-221KL SDR0603-271KL SDR0603-331KL SDR0603-391KL SDR0603-471KL
1.5 2.5 3.3 3.9 4.7 5.0 6.8 7.5 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470

20 20 20 20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
24 21 21 22 20 19 19 19 24 23 22 23 20 19 23 22 20 17 17 15 28 27 28 26 26 26 28 28 29
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796
85 74 68 62 56 50 44 38 34 30 28 24 30 19 15 13 13 12 12 11 10 8 8 7 6 5 5 4 4
0.04 0.05 0.05 0.05 0.07 0.07 0.11 0.12 0.15 0.16 0.18 0.25 0.28 0.30 0.45 0.46 0.55 0.62 0.72 0.84 0.95 1.10 1.43 1.60 2.00 2.40 3.20 3.40 4.55
3.00 2.35 2.20 2.10 1.80 1.60 1.38 1.29 1.14 1.02 0.93 0.82 0.75 0.67 0.61 0.56 0.52 0.48 0.44 0.40 0.38 0.36 0.32 0.30 0.26 0.24 0.20 0.18 0.15
3.50 2.70 2.60 2.20 2.20 2.10 1.80 1.60 1.40 1.30 1.10 1.10 0.96 0.86 0.70 0.66 0.62 0.58 0.54 0.48 0.66 0.60 0.56 0.50 0.46 0.38 0.36 0.32 0.26
General Specifications Test Voltage........................................1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core ...............................Ferrite DR core Wire ............................Enameled copper Terminal.....................................Ag/Ni/Sn Rated Current..Ind. drop 10 % typ. at Isat Temperature Rise ..................40 C max. at rated Irms Packaging.....................400 pcs. per reel Product Dimensions
5.8 (.228) MAX.
3.9 MAX. (.154)
1.8 TYP. (.071)
5.8 MAX. (.228)
Recommended Layout
5.8 (.228)
6.0 (.236)
1.7 (.067)
Typical Part Marking
START
101
FINISH
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
DIMENSIONS:
MM (INCHES)
SDR0603 Series - SMD Power Inductors
Packaging Specifications
178.0 DIA. (7.00)
2.0 0.5 (.079 .020)
18.4 (.724) THICKNESS 0.10 (.004) MAX. 50.0 (1.969) EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 (.512 .020) DIA.
13.0 0.5 DIA. (.512 .020) 14.0 (.551) 4 (.157) EMBOSSED CARRIER
END
START
12 (.472)
4.1 (.161)
8 (.315)
NO COMPONENT COMPONENTS NO COMPONENT
160 (6.299)
3200 (125.984)
400 (15.748)
USER DIRECTION OF FEED
QTY: 400 PCS. PER REEL
DIMENSIONS:
MM (INCHES)
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR0603-820KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X